PART |
Description |
Maker |
706FSR310XG3JD 606FSR310XG3JJ 606FSR300XG3JJ 556FS |
55C Radial lead Photoflash aluminum electrolytic Capacitors
|
Illinois Capacitor, Inc. Illinois Capacitor, Inc...
|
K4C89183AF K4C89083AF-GIFB K4C89083AF-AIFB K4C8909 |
288Mb x18 Network-DRAM2 Specification 288Mb x18网络DRAM2规范 Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 100uF; Voltage: 250V; Case Size: 16x31.5 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead High Ripple, Long Life Capacitor; Capacitance: 33uF; Voltage: 250V; Case Size: 12.5x20 mm; Packaging: Bulk JT 55C 55#22M PIN PLUG JT 8C 8#16 PIN PLUG Thyristor / Diode Module; Repetitive Reverse Voltage Max, Vrrm:2200V; Current, It av:430A; Gate Trigger Voltage Max, Vgt:3V; Gate Trigger Current Max, Igt:200mA; Package/Case:LD43; di/dt:200A/ s RoHS Compliant: Yes JT 55C 55#22 SKT PLUG
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
683MPR250K 684MPR250K 223MPR250K 224MPR250K 104MPR |
105°C Metallized Polypropylene Epoxy Dipped Radial Lead Capacitors 105掳C Metallized Polypropylene Epoxy Dipped Radial Lead Capacitors 105隆?C Metallized Polypropylene Epoxy Dipped Radial Lead Capacitors
|
Illinois Capacitor, Inc.
|
LT3484EDCB-0 LT3484EDCB-1 LT3484EDCB-2 LT3484-0 LT |
Photoflash Capacitor Charger; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C SPECIALTY ANALOG CIRCUIT, PDSO6 Photoflash Capacitor Chargers
|
Linear Technology, Corp.
|
687RZM6R3M1013 158RZM050M1640 158RZM016M1815 228RZ |
105隆?C High Frequency Radial Lead Aluminum Electrolytic Capacitors 105掳C High Frequency Radial Lead Aluminum Electrolytic Capacitors 105°C High Frequency Radial Lead Aluminum Electrolytic Capacitors 105°C High Frequency Radial Lead Aluminum Electrolytic Capacitors
|
Illinois Capacitor, Inc. Illinois Capacitor, Inc...
|
KB-240 KB-076 KB-058 KB-170 |
Radial Lead Transient Voltage Suppressors Radial Lead Transient Voltage Suppressors (TVS)
|
UN Semiconducctor INC
|
0697-3150-02 RST500 RST80 RST800 RST125 RST100 RST |
TIME LAG RADIAL LEAD MICRO FUSE SERIES TYPE RST TIME LAG RADIAL LEAD MICRO FUSE SERIES
|
Bel Fuse Inc. CUI INC
|
227PUM6R3M 107PUM6R3M 337PUM6R3M 157PUM6R3M 226PUM |
85∑C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors 85°C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors 85掳C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors 85隆?C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
|
Illinois Capacitor, Inc. Illinois Capacitor, Inc...
|
106TXK400M 226TXK400M 336TXK400M 476TXK400M 686TXK |
105°C Long Life Radial Lead Aluminum Electrolytic Capacitors 105隆?C Long Life Radial Lead Aluminum Electrolytic Capacitors 105∑C Long Life Radial Lead Aluminum Electrolytic Capacitors
|
Illinois Capacitor, Inc...
|
37215000411 |
Radial Lead Fuses
|
Littelfuse
|